Part Number Hot Search : 
KS8803 40002 FRK9260R RF380007 KT11B0JM M54513 3JZ41 M0565
Product Description
Full Text Search
 

To Download 8086 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sonardyne UK (Head Office) T. +44 (0) 1252 872288 F. +44 (0) 1252 876100 E. sales@sonardyne.com www.sonardyne.com
Datasheet SIPS 2 XSRS Carbon D
Description The Type 8086 XSRS Carbon D is the next step in the evolution of Sonardynes XSRS transceiver range, designed to take the best ideas from the type 7885 & 8005 XSRS units and improve where possible.
An XSRS transceiver is an intelligent acoustic device used to measure one way slant range distances underwater, the units are battery powered and are mounted on the streamer sections using industry standard collars. They can also be mounted on tail buoys. The XSRS units communicate with the XSRS controllers by means of the inductive coils and communication circuit within the streamers.
The type 8086 is compatible with all previous SIPS2 transceivers and as such uses digital acoustic signals and digital processing techniques to enable it to transmit and receive signals in the same event. In addition, as with all SIPS2 units, it is able to transmit and receive tone burst signals for ranges in poor acoustic environments.
Key Features * Superior corrosion resistance due to carbon composite housing and duplex S/S construction * Light in-water weight * Long operating life * Lower purchase cost than previous equivalent unit * Upgrade path from type 7885 and 8005 XSRSs * Choice of Alkaline or Lithium battery packs * ASV version available (Type 8088) * Compatible with all SIPS2 transceivers * Capable of receiving 16 ranges per cycle * Designed to transmit to an unlimited number of units * Flash upgradeable firmware * Sealed electronics compartment
With the option of using standard `D' size Alkaline or Lithium cells the type 8086 XSRS provides users with a low battery cost / long battery life unit.
The type 8086 offers superior corrosion resistance, even in extreme conditions, due to its carbon composite housing and duplex stainless steel construction. This construction means that the unit has a low in water weight, reducing the need for floatation near the device.
With the ability to upgrade from previous versions of SIPS2 XSRS transceivers and a lower purchase price than its previous equivalent unit the 8086 XSRS offers large savings in both capital equipment and operational costs.
Sonardyne UK (Head Office) T. +44 (0) 1252 872288 F. +44 (0) 1252 876100 E. sales@sonardyne.com www.sonardyne.com
Specifications SIPS 2 XSRS Carbon D
Feature Alkaline Lithium Operating Frequency SEHF (55-110kHz) SEHF (55-110kHz) Transmit Source Level (Controllable) Max. 190dB re 1Pa @1m Max. 190dB re 1Pa @1m Receive Sensivity (Controllable) 73dB re 1Pa @1m 73dB re 1Pa @1m Acoustic Range Resolution 5mm@ 1500 ms Vp 5mm@ 1500 ms Vp System Sync Resolution 75mm @ 1500 ms Vp 75mm @ 1500 ms Vp Immunity to Multipath System can resolve bottom bounce/surface bounce greater than 0.3m Number of Digital Acoustic Signals 60 60 Number of Tone Acoustic Signals 6 6 Number of Received Channels 4 4 Note: Transceivers can transmit and receive in same event allowing for multiple observations to be collected faster. Battery Life (Typical) Weight in Air Weight in Water Type Number / Stock Code 10-12 Weeks 10.4kg 2.4kg 8086-000-01 / 620-7165 28-34 Weeks 9.75kg 1.75kg
Specifications subject to change without notice - 06/2007


▲Up To Search▲   

 
Price & Availability of 8086

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X